Part Number Hot Search : 
MIC38C45 H78L05AA 100000 79012 MS1006 NTE5207A X1613 AZ742
Product Description
Full Text Search
 

To Download SC10002430 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com 200136 rev. a  skyworks proprietary information  products and product information are subject to change without notice.  february 7, 2005 1 sc series: mis chip capacitors data sheet description skyworks mis chip capacitors are available in a wide range of sizes and capacitance values. they are frequently used in applications requiring dc blocking, rf bypassing, or as a fixed capacitance tuning element in filters, oscillators, and ma tching networks. the devices have a dielectric composed of thermally grown silicon dioxide over which a layer of silicon nitride is deposited. this dielectric possesses a low temperature coefficient of capacitance and very high insulation resistance. the devices also exhibit excellent long term stability making them suitable for high reliability applications. the capacitors have a high dielectric breakdown which permits the use of thin dielectrics resulting in large capacitance per unit area. the temperature coefficient is less that 50 ppm/c, and operation is suitable from -65 c to 200 c. compared to ceramic capacitors, skyworks mis chip capacitors offer higher q, and a lower insertion loss of 0.04 db, in a 50 ? accommodate high volume automated assembly methods, wafers can be supplied on expanded film frame. to reduce cost, chips can be supplied with only sample testing packaged in vials. packaging in waffle packs with 100% elec- trical test and visual inspection is always available if required. features readily available from stock high reliability silicon oxide?nitride dielectric low loss ? typically 0.04 db in a 50 ? system operation through 26 ghz wide temperature operation characteristic value operating temperature range (t op ) -65 to +200 c storage temperature range (t stg ) -65 to +200 c dielectric withstanding voltage 100 v absolute maximum ratings performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the absolute maximum specifications. exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty. caution: although this device is designed to be as robust as possible, electrostatic discharge (esd) can damage this device. this device must be protected at all times from esd. static charges may easily produce poten- tials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions must be employed at all times. electrical specifications capacitance range 1: 0.8 to 1000 pf temperature coefficient: 50 ppm/c typical capacitance tolerance 2: 20% operating temperature: -65 c to 200 c dielectric withstanding voltage: 100 v insulation resistance: 10 5 megohms typical leakage current: typ. < 1 na bias bias output input 1 input 2 c 1 d 1 d 2 c 2 c 4 c 3 typical spdt switch c 2 ,c 3 ? chip mis capacitor c 1 ,c 4 ? chip or beam ? lead mis capacitor d 1 ,d 2 dsg9500 beam ? lead pin diode
skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com february 7, 2005  skyworks proprietary information  products and product information are subject to change without notice.  200136 rev. a data sheet ? sc series 2 zz 0.001? yy 0.001? 0.005 0.001? chip thickness insertion loss (db) frequency (ghz) figure 1. typical insertion loss vs. frequency (50 ? system) 2 6 10 14 18 10.0 1.0 0.10 0.01 1 pf 8.2 pf 47 pf 100 pf 1?47 pf 100 pf electrical specifications performance data tests on typical mis capacitors at l and s band show insertion loss to be 1/2 to 1/3 that of equivalent ceramic type capacitors, without any of the associated resonance problems. power tests indicate that the only limitation is the actual breakdown voltage of the device (see data section). a typical insertion loss versus frequency graph is shown in figure 1. this data is taken from an actual tests circuit with series mounted beam-lead or chip capacitors on a 50 ? microstrip transmission line. the apparent higher loss at lower frequencies on the lower capacitance units is strictly due to the capacitive reactance of the capacitor. capacitance chip dimensions part number (+ 20%) (+ 1 mil) sc00080912 0.8 9 mil pad/12 mil chip sc00120912 1.2 9 mil pad/12 mil chip sc00180912 1.8 9 mil pad/12 mil chip sc00260912 2.6 9 mil pad/12 mil chip sc00380912 3.8 9 mil pad/12 mil chip sc00560912 5.6 9 mil pad/12 mil chip sc00680912 6.8 9 mil pad/12 mil chip sc00820710 8.2 7 mil pad/10 mil chip sc00821518 8.2 15 mil pad/18 mil chip sc01000710 10 7 mil pad/10 mil chip sc01000912 10 9 mil pad/12 mil chip sc01001518 10 15 mil pad/18 mil chip sc01500710 15 7 mil pad/10 mil chip sc01500912 15 9 mil pad/12 mil chip sc01501518 15 15 mil pad/18 mil chip sc02201518 22 15 mil pad/18 mil chip sc03301518 33 15 mil pad/18 mil chip sc04701518 47 15 mil pad/18 mil chip sc06801518 68 15 mil pad/18 mil chip SC10002430 100 24 mil pad/30 mil chip sc33303440 333 34 mil pad/40 mil chip sc50004450 500 44 mil pad/50 mil chip sc99906068 1000 60 mil pad/68 mil chip example part number structure ? scxxxxyyzz where: sc = silicon capacitor xxxx = capacitance (pf) yy = square contact size (mils) zz = square chip size (mils)
data sheet  sc series skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com 200136 rev. a  skyworks proprietary information  products and product information are subject to change without notice.  february 7, 2005 3 copyright ? 2002, 2003, 2004, 2005, skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyworks solutions, inc. (?skyworks?) products. these materials are pr ovided by skyworks as a service to its customers and may be used for informational purposes only by the customer. skyworks assumes no responsibility for errors or omissions in these materi als. skyworks may make changes to its documentation, products, specifications and product descriptions at any time, without notice. skyworks makes no commitment to update the information and s hall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from future changes to its documentation, products, specifications and product de scriptions. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by or under this document . except as may be provided in skyworks terms and conditions of sale for such products, skyworks assumes no liability whatsoever in association with its documentation, products, specifications a nd product descriptions. these materials are provided ?as is? without warranty of any kind, either express or implied or otherwise, relating to sale and/or use of skyworks products including warranties relating to fitness for a particular purpose, merchantability, performance, quality or non-infringement of any patent, c opyright or other intellectual property right. skyworks further does not warrant the accuracy or completeness of the information, text, graphics or other items c ontained within these materials. skyworks shall not be liable for any damages, including special, indirect, incidental, or consequential damages, including without l imitation, lost revenues or lost profits that may result from the use of these materials whether or not the recipient of materials has been advised of the possi bility of such damage. skyworks products are not intended for use in medical, lifesaving or life-sustaining applications. skyworks customers using or se lling skyworks products for use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. the following are trademarks of skyworks solutions, inc.: skyworks ? , the skyworks logo, and breakthrough simplicity ? . product names or services listed in this publication are for identification purposes only, and may be trademarks of skyworks or other third parties. third-party brands and names are the property of their r espective owners. additional information, posted at www.skyworksinc.com, is incorporated by reference.


▲Up To Search▲   

 
Price & Availability of SC10002430

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X